PART |
Description |
Maker |
3351-1800-100 |
KR Electronics part number 3351-1800-100 is a 1800 MHz Bandpass filter
|
KR Electronics, Inc.
|
ZPSD402A1-90LI ZPSD402A1-15LI ZPSD402A1-20LI ZPSD4 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Silicon Bridge Rectifiers 现场可编程外 Field-Programmable Peripheral 现场可编程外
|
Atmel, Corp.
|
MD60F18 |
1,800 V Rectifiers 250 mA Forward Current 30 ns - 50 ns Recovery Time 0.25 A, SILICON, SIGNAL DIODE
|
Voltage Multipliers, Inc.
|
X25FG |
2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time
|
Voltage Multipliers, Inc.
|
SKD83 SKD83_04 SKD83_08 SKD83_12 SKD83_14 SKD83_16 |
Power Bridge Rectifiers 3 PHASE, 83 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE Power Bridge Rectifiers 3 PHASE, 83 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE Power Bridge Rectifiers 3 PHASE, 83 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Power Bridge Rectifiers 3 PHASE, 83 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Power Bridge Rectifiers 3 PHASE, 83 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE
|
Semikron International
|
B40FD B125FD B250FD B380FD B80FD |
RESISTOR, FILM, CHIP 1 A, 250 V, SILICON, BRIDGE RECTIFIER DIODE Fast Switching Si-Bridge Rectifiers
|
SEMIKRON[Semikron International]
|
3403.0019.XX 3403.0014.XX OMF250 3403.0017.XX 3403 |
3Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
|
Schurter Inc.
|
MJ15023 MJ15025 ON1984 |
16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS From old datasheet system
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
MJ21196 MJ21195 ON1990 |
From old datasheet system 16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 250 WATTS
|
ONSEMI[ON Semiconductor]
|
6100-100K-RC 6100-472K-RC 6100-392K-RC 6100-821K-R |
Mounting Rail for Gas Discharge Tube Series 1800 10ohm 10% Radial 1 ELEMENT, 10 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Mounting Rail for Gas Discharge Tube Series 1800 4.7K 10% Radial 1 ELEMENT, 4700 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Mounting Rail for Gas Discharge Tube Series 1800 3.9K 10% Radial 1 ELEMENT, 3900 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Mounting Rail for Gas Discharge Tube Series 1800 820ohm 10% Radial 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Mounting Rail for Gas Discharge Tube Series 1800 33ohm 10% Radial 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Mounting Rail for Gas Discharge Tube Series 1800 2.7K 10% Radial 1 ELEMENT, 2700 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc.
|
SDR2UF1.8SMS SDR2UF1.81 SDR2UF2.0SMS |
2 AMPS 1800 - 2000 VOLTS 70 nsec ULTRA FAST RECOVERY RECTIFIER 2 A, 1800 V, SILICON, RECTIFIER DIODE 2 AMPS 1800 - 2000 VOLTS 70 nsec ULTRA FAST RECOVERY RECTIFIER 2 A, 2000 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. Solid States Devices, Inc
|
|